Part Number Hot Search : 
BAS70XY EA09408 ASZ1015 IP102 SFH4391 2SA1215 74476402 U60DN
Product Description
Full Text Search
 

To Download 510-91-010-01-504101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 110 / 410 / 510
70
Sockets for specific applications Solder tail
Quad-in-line sockets and staggered (zig-zag) strips are suitable for IC's with staggered double row Dual-in-line type pin patterns. (e.g. NEC, etc...). Double row staggered strips will also accommodate single-inline zig-zag memory packages on high density boards. Display sockets Insertion characteristics: Partially equipped DIL and staggered strips: 4-finger standard Quad-in-line and Display sockets: 6-finger low force Ordering information Replace 9x with required plating code, e.g. 410-9x-214-10-001 for a 5 m Sn Pb / 0.75 m Au becomes 410-93-214-10-001
Platings 91 93 97 99
Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb
Clip 0.25 m Au 0.75 m Au Goldflash 5 m Sn Pb
Pin
Fig. 1
Fig. 2
110-xx-314-10-001 fig. 1 110-xx-314-10-002 fig. 2 110-xx-316-10-003 fig. 3
Partially equipped DIL sockets Insulator body dimensions see page 50 Please consult for versions not shown
Fig. 3
110-91-064-01-505 110-93-064-01-505 110-97-064-01-505 110-99-064-01-505
Quad-in-line socket Rockwell packages with 2.22 mm nominal row distance can also be inserted Important: Quad-in-line sockets require a PCB drilling pattern with 2.54 mm centerline distance
Staggered zig-zag strips 002 right 410-xx-214-10-001 left 410-xx-214-10-002 right 410-xx-216-10-001 left 410-xx-216-10-002 right 410-xx-220-10-001 left 410-xx-220-10-002 right 410-xx-224-10-001 left 410-xx-224-10-002 right 410-xx-228-10-001 left 410-xx-228-10-002 right 510-91-010-01-504101 Fig. 1 510-97-010-01-504101 510-99-010-01-783101 510-91-018-01-504101 510-97-018-01-504101 Fig. 2 510-99-018-01-783101 Not stackable A: 18.98 C: 4.94 Not stackable 18.98 4.94 Stackable 21.52 4.94 Stackable 21.52 4.94 Stackable 26.60 4.94 Stackable 26.60 4.94 Stackable 31.68 4.94 Stackable 31.68 4.94 Stackable 36.76 4.94 Stackable 36.76 4.94 Display sockets for 7 segment displays (1 or 2 digits)
001 left
Fig. 1
Fig. 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 510-91-010-01-504101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X